| データシートサーチシステム |
|
STM32F103VC データシート(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103VC データシート(HTML) 66 Page - STMicroelectronics |
|
66 / 143 page ![]() Electrical characteristics STM32F103xC, STM32F103xD, STM32F103xE 66/143 DS5792 Rev 13 5.3.10 FSMC characteristics Asynchronous waveforms and timings Figure 24 through Figure 27 represent asynchronous waveforms and Table 31 through Table 34 provide the corresponding timings. The results shown in these tables are obtained with the following FSMC configuration: • AddressSetupTime = 0 • AddressHoldTime = 1 • DataSetupTime = 1 Figure 24. Asynchronous non-multiplexed SRAM/PSRAM/NOR read waveforms 1. Mode 2/B, C and D only. In Mode 1, FSMC_NADV is not used. |