データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103VCH6TR データシート(PDF) 90 Page - STMicroelectronics

部品番号 STM32F103VCH6TR
部品情報  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCH6TR データシート(HTML) 90 Page - STMicroelectronics

Back Button STM32F103VCH6TR Datasheet HTML 86Page - STMicroelectronics STM32F103VCH6TR Datasheet HTML 87Page - STMicroelectronics STM32F103VCH6TR Datasheet HTML 88Page - STMicroelectronics STM32F103VCH6TR Datasheet HTML 89Page - STMicroelectronics STM32F103VCH6TR Datasheet HTML 90Page - STMicroelectronics STM32F103VCH6TR Datasheet HTML 91Page - STMicroelectronics STM32F103VCH6TR Datasheet HTML 92Page - STMicroelectronics STM32F103VCH6TR Datasheet HTML 93Page - STMicroelectronics STM32F103VCH6TR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 143 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
90/143
DS5792 Rev 13
Figure 42. Standard I/O input characteristics - CMOS port
Figure 43. Standard I/O input characteristics - TTL port
Figure 44. 5 V tolerant I/O input characteristics - CMOS port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More