データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103ZCT6TR データシート(PDF) 71 Page - STMicroelectronics

部品番号 STM32F103ZCT6TR
部品情報  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT6TR データシート(HTML) 71 Page - STMicroelectronics

Back Button STM32F103ZCT6TR Datasheet HTML 67Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 68Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 69Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 70Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 71Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 72Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 73Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 74Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 143 page
background image
DS5792 Rev 13
71/143
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
135
Synchronous waveforms and timings
Figure 28 through Figure 31 represent synchronous waveforms and Table 36 through
Table 38 provide the corresponding timings. The results shown in these tables are obtained
with the following FSMC configuration:
•
BurstAccessMode = FSMC_BurstAccessMode_Enable;
•
MemoryType = FSMC_MemoryType_CRAM;
•
WriteBurst = FSMC_WriteBurst_Enable;
•
CLKDivision = 1; (0 is not supported, see the STM32F10xxx reference manual)
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
Figure 28. Synchronous multiplexed NOR/PSRAM read timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More