データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103VCT7TR データシート(PDF) 35 Page - STMicroelectronics

部品番号 STM32F103VCT7TR
部品情報  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT7TR データシート(HTML) 35 Page - STMicroelectronics

Back Button STM32F103VCT7TR Datasheet HTML 31Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 32Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 33Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 34Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 35Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 36Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 37Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 38Page - STMicroelectronics STM32F103VCT7TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 143 page
background image
DS5792 Rev 13
35/143
STM32F103xC, STM32F103xD, STM32F103xE
Pinouts and pin descriptions
135
D12
C9
D2 42
68
101
PA9
I/O
FT
PA9
USART1_TX(9)/
TIM1_CH2(9)
-
D11
D10 D3 43
69
102
PA10
I/O
FT
PA10
USART1_RX(9)/
TIM1_CH3(9)
-
C12 C10 C1 44
70
103
PA11
I/O
FT
PA11
USART1_CTS/USBDM
CAN_RX(9)/TIM1_CH4(9)
-
B12
B10 C2 45
71
104
PA12
I/O
FT
PA12
USART1_RTS/USBDP/
CAN_TX(9)/TIM1_ETR(9)
-
A12
A10 D4 46
72
105
PA13
I/O
FT
JTMS-SWDIO
-
PA13
C11
F8
-
-
73
106
Not connected
-
G9
E6
B1 47
74
107
VSS_2
S-
VSS_2
--
F9
F6
A1 48
75
108
VDD_2
S-
VDD_2
--
A11
A9
B2 49
76
109
PA14
I/O
FT
JTCK-SWCLK
-
PA14
A10
A8
C3 50
77
110
PA15
I/O
FT
JTDI
SPI3_NSS/
I2S3_WS
TIM2_CH1_ET
R PA15 /
SPI1_NSS
B11
B9
A2 51
78
111
PC10
I/O
FT
PC10
UART4_TX/SDIO_D2
USART3_TX
B10
B8
B3 52
79
112
PC11
I/O
FT
PC11
UART4_RX/SDIO_D3
USART3_RX
C10
C8
C4 53
80
113
PC12
I/O
FT
PC12
UART5_TX/SDIO_CK
USART3_CK
E10
D8
D8
5
81
114
PD0
I/O
FT
OSC_IN(10)
FSMC_D2(11)
CAN_RX
D10
E8
D7
6
82
115
PD1
I/O
FT
OSC_OUT(10)
FSMC_D3(11)
CAN_TX
E9
B7
A3 54
83
116
PD2
I/O
FT
PD2
TIM3_ETR/UART5_RX
SDIO_CMD
-
D9
C7
-
-
84
117
PD3
I/O
FT
PD3
FSMC_CLK
USART2_CTS
C9
D7
-
-
85
118
PD4
I/O
FT
PD4
FSMC_NOE
USART2_RTS
B9
B6
-
-
86
119
PD5
I/O
FT
PD5
FSMC_NWE
USART2_TX
E7
-
-
-
-
120
VSS_10
S-
VSS_10
--
F7
-
-
-
-
121
VDD_10
S-
VDD_10
--
A8
C6
-
-
87
122
PD6
I/O
FT
PD6
FSMC_NWAIT
USART2_RX
A9
D6
-
-
88
123
PD7
I/O
FT
PD7
FSMC_NE1/FSMC_NCE2
USART2_CK
E8
-
-
-
-
124
PG9
I/O
FT
PG9
FSMC_NE2/FSMC_NCE3
-
D8
-
-
-
-
125
PG10
I/O
FT
PG10
FSMC_NCE4_1/
FSMC_NE3
-
Table 5. High-density STM32F103xC/D/E pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More