| データシートサーチシステム |
|
CDM803-08A-FP-R805-67 データシート(PDF) 2 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
CDM803-08A-FP-R805-67 データシート(HTML) 2 Page - CUI INC |
|
2 / 3 page ![]() cuidevices.com CUI Devices │ SERIES: CDM803 │ DESCRIPTION: M8 CONNECTOR date 07/19/2022 │ page 2 of 3 MECHANICAL DRAWING units: mm tolerance: 0.5<X≤6.0: ±0.1 mm 6.0<X≤30.0: ±0.2 mm unless otherwise noted Recommended Panel Cutout No. of Poles 3 4 5 6 8 Coding Pin Diameter 1.0 mm 1.0 mm 1.0 mm 0.7 mm 0.6 mm Recommended PCB Layout Top View ITEM DESCRIPTION MATERIAL PLATING/COLOR A M8x1.0 screw brass nickel B terminals; female brass gold C housing; female PA66 (UL94V-0) black D M8x0.5 nut brass nickel E resin epoxy resin black F o-ring FKM black G o-ring FKM orange Additional Resources: Product Page |