| データシートサーチシステム |
|
HLMP-EL08-R6000 データシート(PDF) 15 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HLMP-EL08-R6000 データシート(HTML) 15 Page - Broadcom Corporation. |
|
15 / 18 page ![]() Broadcom AV02-0373EN 15 HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps Figure 13: Ammo Pack Drawing Figure 14: Packaging Box for Ammo Packs 18.00 ± 0.50 (0.7087 ± 0.0197) 6.35 ± 1.30 (0.25 ± 0.0512) 12.70 ± 1.00 (0.50 ± 0.0394) 9.125 ± 0.625 (0.3593 ± 0.0246) 12.70 ± 0.30 (0.50 ± 0.0118) CATHODE 0.70 ± 0.20 (0.0276 ± 0.0079) 20.50 ± 1.00 (0.807 ± 0.039) AA VIEW A–A 4.00 ± 0.20 (0.1575 ± 0.008) TYP. ALL DIMENSIONS IN MILLIMETERS (INCHES). NOTE: THE AMMO-PACKS DRAWING IS APPLICABLE FOR PACKAGING OPTION -DD & -ZZ AND REGARDLESS OF STANDOFF OR NON-STANDOFF. FROM LEFT SIDE OF BOX, ADHESIVE TAPE MUST BE FACING UPWARD. AVAGO TECHNOLOGIES ANODE MOTHER LABEL CATHODE C A + – ANODE LEAD LEAVES THE BOX FIRST. NOTE: THE DIMENSION FOR AMMO PACK IS APPLICABLE FOR THE DEVICE WITH STANDOFF AND WITHOUT STANDOFF. LABEL ON THIS SIDE OF BOX. |