データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC2430-RTR1-F128Z データシート(PDF) 33 Page - Texas Instruments

部品番号 CC2430-RTR1-F128Z
部品情報  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F128Z データシート(HTML) 33 Page - Texas Instruments

Back Button CC2430-RTR1-F128Z Datasheet HTML 29Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 30Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 31Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 32Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 33Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 34Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 35Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 36Page - Texas Instruments CC2430-RTR1-F128Z Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 33 of 232
12.3.1 Memory Map
This section gives an overview of the memory
map.
The memory map differs from the standard
8051 memory map in two important aspects,
as described below.
First, in order to allow the DMA controller
access to all physical memory and thus allow
DMA transfers between the different 8051
memory spaces, parts of SFR and CODE
memory space is mapped into the XDATA
memory space.
Secondly, the CODE memory space mapping
can be selected so that all physical memory is
mapped to CODE space, by using a unified
mapping of the CODE memory space.
Details about mapping of all 8051 memory
spaces are given in the next section.
The memory map showing how the different
physical memories are mapped into the CPU
memory spaces is given in the figures on the
following pages for each flash memory size
option.
Note that for CODE memory space, the two
possible memory maps are shown; unified and
non-unified mapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More