| データシートサーチシステム |
|
CC2430-RTR1-F128Z データシート(PDF) 192 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2430-RTR1-F128Z データシート(HTML) 192 Page - Texas Instruments |
|
192 / 234 page ![]() CC2430 CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A Page 192 of 232 Write instruction to RFST All instructions written? Setup CSPT, CSPX, CSPY, CSPZ and CSPCTRL registers Start execution by writing ISSTART to RFST yes no SSTOP instruction, end of program or writing ISTOP to RFST stops program Figure 56: Running a CSP program 14.34.7 Instruction Set Summary This section gives an overview of the instruction set. This is intended as a summary and definition of instruction opcodes. Refer to section 14.34.8 for a description of each instruction. Each instruction consists of one byte which is written to the RFST register to be stored in the instruction memory. The Immediate Strobe instructions (ISxxx) are not used in a program. When these instructions are written to the RFST register, they are executed immediately. If the CSP is already executing a program the current instruction will be delayed until the Immediate Strobe instruction has completed. For undefined opcodes, the behavior of the CSP is defined as a No Operation Strobe Command (SNOP). |