| データシートサーチシステム |
|
CC2430-RTR1-F128Z データシート(PDF) 198 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2430-RTR1-F128Z データシート(HTML) 198 Page - Texas Instruments |
|
198 / 234 page ![]() CC2430 CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A Page 198 of 232 14.34.8.18 STXONCCA Function: Enable calibration and TX if CCA indicates a clear channel Description: The STXONCCA instruction enables TX after calibration if CCA indicates a clear channel. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: STXONCCA Opcode: 7 6 5 4 3 2 1 0 1 1 0 0 0 1 0 0 14.34.8.19 SRFOFF Function: Disable RX/TX and frequency synthesizer. Description: The SRFOFF instruction asserts disables RX/TX and the frequency synthesizer. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: SRFOFF Opcode: 7 6 5 4 3 2 1 0 1 1 0 0 0 1 0 1 14.34.8.20 SFLUSHRX Function: Flush RXFIFO buffer and reset demodulator Description: The SFLUSHRX instruction flushes the RXFIFO buffer and resets the demodulator. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: SFLUSHRX Opcode: 7 6 5 4 3 2 1 0 1 1 0 0 0 1 1 0 14.34.8.21 SFLUSHTX Function: Flush TXFIFO buffer Description: The SFLUSHTX instruction flushes the TXFIFO buffer. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: SFLUSHTX Opcode: 7 6 5 4 3 2 1 0 1 1 0 0 0 1 1 1 14.34.8.22 SACK Function: Send acknowledge frame with pending field cleared Description: The SACK instruction sends an acknowledge frame. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: SACK Opcode: 7 6 5 4 3 2 1 0 1 1 0 0 1 0 0 0 |