| データシートサーチシステム |
|
CC2430-RTR1-F64Z データシート(PDF) 91 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2430-RTR1-F64Z データシート(HTML) 91 Page - Texas Instruments |
|
91 / 234 page ![]() CC2430 CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A Page 91 of 232 MOV DMAARM, #0x03 ; arm DMA channel 0 and 1 MOV DMAARM, #0x81 ; disarm DMA channel 0, ; channel 1 is still armed Figure 19: DMA arm/disarm example 13.2.5 DMA Interrupts Each DMA channel can be configured to generate an interrupt to the CPU upon completing a DMA transfer. This is accomplished with the IRQMASK bit in the channel configuration. The corresponding interrupt flag in the DMAIRQ SFR register will be set when the interrupt is generated. Regardless of the IRQMASK bit in the channel configuration, the interrupt flag will be set upon DMA channel complete. Thus software should always check (and clear) this register when rearming a channel with a changed IRQMASK setting. Failure to do so could generate an interrupt based on the stored interrupt flag. 13.2.6 DMA Configuration Data Structure For each DMA channel, the DMA configuration data structure consists of eight bytes. The configuration data structure is described in Table 38. |