データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC2430-RTR1-F64Z データシート(PDF) 192 Page - Texas Instruments

部品番号 CC2430-RTR1-F64Z
部品情報  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z データシート(HTML) 192 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 188Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 189Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 190Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 191Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 192Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 193Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 194Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 195Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 192 of 232
Write instruction to
RFST
All instructions
written?
Setup CSPT, CSPX,
CSPY, CSPZ and
CSPCTRL registers
Start execution by
writing ISSTART to
RFST
yes
no
SSTOP instruction,
end of program or
writing ISTOP to
RFST stops program
Figure 56: Running a CSP program
14.34.7 Instruction Set Summary
This section gives an overview of the
instruction set. This is intended as a
summary and definition of instruction
opcodes. Refer to section 14.34.8 for a
description of each instruction.
Each instruction consists of one byte
which is written to the RFST register to be
stored in the instruction memory.
The Immediate Strobe instructions (ISxxx)
are not used in a program. When these
instructions are written to the RFST
register, they are executed immediately. If
the CSP is already executing a program
the current instruction will be delayed until
the Immediate Strobe instruction has
completed.
For undefined opcodes, the behavior of
the CSP is defined as a No Operation
Strobe Command (SNOP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More