データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP746-X データシート(PDF) 5 Page - Solid State Optronic

部品番号 SP746-X
部品情報  1 Form A Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSOUSA [Solid State Optronic]
ホームページ  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SP746-X データシート(HTML) 5 Page - Solid State Optronic

  SP746-X Datasheet HTML 1Page - Solid State Optronic SP746-X Datasheet HTML 2Page - Solid State Optronic SP746-X Datasheet HTML 3Page - Solid State Optronic SP746-X Datasheet HTML 4Page - Solid State Optronic SP746-X Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SP746-X
1 Form A
Solid State Relay
Solid State Optronics (SSO) makes no warranties or representations with regards to the completeness and accuracy of this document. SSO
reserves the right to make changes to product description, specifications at any time without further notice.
SSO shall not assume any liability arising out of the application or use of any product or circuit described herein. Neither circuit patent
licenses nor indemnity are expressed or implied.
Except as specified in SSO's Standard Terms & Conditions, SSO disclaims liability for consequential or other damage, and we make no other
warranty, expressed or implied, including merchantability and fitness for particular use.
DISCLAIMER
LIFE SUPPORT POLICY
SSO does not authorize use of its devices in life support applications wherein failure or malfunction of a device may lead to personal injury or
death. Users of SSO devices in life support applications assume all risks of such use and agree to indemnify SSO against any and all
damages resulting from such use. Life support devices are defined as devices or systems which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure to perform when used properly in accordance with instructions for use can be
reasonably expected to result in significant injury to the user, or (d) a critical component in any component of a life support device or system
whose failure can be reasonably expected to cause failure of the life support device or system, or to affect its safety or effectiveness.
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 5 of 5
SP746-X
rev 1.40 (10/25/2004)



Html Pages

1 2 3 4 5