| データシートサーチシステム |
|
HT48C10 データシート(PDF) 32 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48C10 データシート(HTML) 32 Page - Holtek Semiconductor Inc |
|
32 / 59 page ![]() Instruction Definition ADC A,[m] Add data memory and carry to the accumulator Description The contents of the specified data memory, accumulator and the carry flag are added simultaneously, leaving the result in the accumulator. Operation ACC ← ACC+[m]+C Affected flag(s) TC2 TC1 TO PD OV Z AC C ––– – √√ √√ ADCM A,[m] Add the accumulator and carry to data memory Description The contents of the specified data memory, accumulator and the carry flag are added simultaneously, leaving the result in the specified data memory. Operation [m] ← ACC+[m]+C Affected flag(s) TC2 TC1 TO PD OV Z AC C ––– – √√ √√ ADD A,[m] Add data memory to the accumulator Description The contents of the specified data memory and the accumulator are added. The result is stored in the accumulator. Operation ACC ← ACC+[m] Affected flag(s) TC2 TC1 TO PD OV Z AC C ––– – √√ √√ ADD A,x Add immediate data to the accumulator Description The contents of the accumulator and the specified data are added, leaving the result in the accumulator. Operation ACC ← ACC+x Affected flag(s) TC2 TC1 TO PD OV Z AC C ––– – √√ √√ HT48CXX/HT48RXX 32 25th May ’99 |