| データシートサーチシステム |
|
HT0610 データシート(PDF) 18 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT0610 データシート(HTML) 18 Page - Holtek Semiconductor Inc |
|
18 / 22 page ![]() Command Required for Display Mode Setup Display Mode Command Required Display Mode Set external/internal oscillator* Set oscillator enable* Set display on* Static Icon Display Set external/internal oscillator* Set oscillator enable* Set static Icon control signal* Standby Mode 1 Set display off* Set oscillator disable* Standby Mode 2 Set external oscillator* Set static Icon control signal* Set display off* Set oscillator enable* Standby Mode 3 Set internal oscillator* Set static Icon control signal* Set display off* Set oscillator enable* Other related command with display mode: set duty cycle, set column mapping, set row mapping, set vertical scroll value. Command Related to Internal DC/DC Converter Set oscillator disable/enable, set internal regulator on/off, set duty cycle, set temperature coefficient, set internal con- trast control on/off, increase contrast level, set internal voltage divider on/off, set bias ratio, set display on/off, set inter- nal/external oscillator, set contrast level, set voltage doubler/tripler, set 33 mux display mode, set Icon display mode. * You do not need to resend the command again if it is set previously. Command Required for R/W Actions on RAM R/W Actions on RAM Command Required Read data from BGDRAM Write data to BGDRAM Set BGDRAM page address* Set BGDRAM column address* Read/write data Save or restore BGDRAM column address Save or restore BGDRAM column address Increase BGDRAM address by one Dummy read data Master clear BGDRAM Master clear BGDRAM Dummy write data * You do not need to resend the command again if it is set previously. HT0610 Rev. 1.00 18 February 24, 2004 |