データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE7761 データシート(PDF) 3 Page - Analog Devices

部品番号 ADE7761
部品情報  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE7761 データシート(HTML) 3 Page - Analog Devices

  ADE7761 Datasheet HTML 1Page - Analog Devices ADE7761 Datasheet HTML 2Page - Analog Devices ADE7761 Datasheet HTML 3Page - Analog Devices ADE7761 Datasheet HTML 4Page - Analog Devices ADE7761 Datasheet HTML 5Page - Analog Devices ADE7761 Datasheet HTML 6Page - Analog Devices ADE7761 Datasheet HTML 7Page - Analog Devices ADE7761 Datasheet HTML 8Page - Analog Devices ADE7761 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADE7761
Rev. A | Page 3 of 28
GENERAL DESCRIPTION
(continued from Page 1)
The ADE7761 incorporates a missing neutral detection scheme
by continuously monitoring the input voltage. When a missing
neutral condition is detected—no voltage input—the ADE7761
continues billing based on the active current signal (see the
Missing Neutral Mode section). The missing neutral condition
is indicated when the FAULT pin goes high.
The ADE7761 supplies average active power information on the
low frequency outputs F1 and F2. The CF logic output gives
instantaneous active power information.
The ADE7761 includes a power supply monitoring circuit on
the VDD supply pin. Internal phase matching circuitry ensures
that the voltage and current channels are matched. An internal
no-load threshold ensures that the ADE7761 does not exhibit
any creep when there is no load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28