| データシートサーチシステム |
|
HT95C40P データシート(PDF) 38 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT95C40P データシート(HTML) 38 Page - Holtek Semiconductor Inc |
|
38 / 51 page ![]() AND A,[m] Logical AND accumulator with data memory Description Data in the accumulator and the specified data memory perform a bitwise logical_AND op- eration. The result is stored in the accumulator. Operation ACC ¬ ACC ²AND² [m] Affected flag(s) TO PDF OV Z AC C ¾¾¾ Ö ¾ ¾ AND A,x Logical AND immediate data to the accumulator Description Data in the accumulator and the specified data perform a bitwise logical_AND operation. The result is stored in the accumulator. Operation ACC ¬ ACC ²AND² x Affected flag(s) TO PDF OV Z AC C ¾¾¾ Ö ¾ ¾ ANDM A,[m] Logical AND data memory with the accumulator Description Data in the specified data memory and the accumulator perform a bitwise logical_AND op- eration. The result is stored in the data memory. Operation [m] ¬ ACC ²AND² [m] Affected flag(s) TO PDF OV Z AC C ¾¾¾ Ö ¾ ¾ CALL addr Subroutine call Description The instruction unconditionally calls a subroutine located at the indicated address. The program counter increments once to obtain the address of the next instruction, and pushes this onto the stack. The indicated address is then loaded. Program execution continues with the instruction at this address. Operation Stack ¬ PC+1 PC ¬ addr Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ CLR [m] Clear data memory Description The contents of the specified data memory are cleared to 0. Operation [m] ¬ 00H Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ HT95CXXX Rev. 1.50 38 May 26, 2005 |