| データシートサーチシステム |
|
SH79F024XU データシート(PDF) 3 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F024XU データシート(HTML) 3 Page - SINOWEALTH Electronic Ltd |
|
3 / 92 page ![]() SH79F SH79F SH79F SH79F082 082 082 082 3 4. 4. 4. 4. Pin Pin Pin Pin Configuration Configuration Configuration Configuration TSSOP TSSOP TSSOP TSSOP24 24 24 24 1 2 3 4 5 6 7 8 9 1 0 11 12 VD D TDO /IN T0/P1.2 GND TMS /IN T1/P1.3 TDI/BU Z/P1.4 TCK/ RST /P1.5 OPP/P1.1 OPN /P1.0 XTAL1/P3.5 XTAL2/P3.4 TXD /IN T41/P3.2 R XD /IN T40/P3.1 P0.2/AN 0 P0.3/AN 1 P0.4/AN 2 P0.5/AN 3/VR EF P0.6/AN 4 P0.0/OPOUT P2.6/T0/FLT P2.5/PWM 21 P2.4/PWM 11 P2.2/PWM 2 P2.1/PWM 1 P0.1/CM P 24 23 22 21 20 19 18 17 16 15 14 13 Pin Pin Pin Pin Configuration Configuration Configuration Configuration Diagram Diagram Diagram Diagram Note: Note: Note: Note: The out most pin function has the highest priority, and the inner most pin function has the lowest priority (Refer to Pin Configuration Diagram, for example, RXD/INT40/P3.1, RXD function has the highest priority, INT40 function has the higher priority and the P3.1 function has the lowest priority). This means when one pin is occupied by a higher priority function (if enabled) cannot be used as the lower priority functional pin, even when the lower priority function is also enabled. Until the higher priority function is closed by software, can the corresponding pin be released for the lower priority function use. |