| データシートサーチシステム |
|
DM74LS249N データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS249N データシート(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF10213 February 1992 DM74LS249 BCD to 7-Segment Decoder with Open-Collector Outputs General Description The ’LS249 has active HIGH open-collector outputs and in- corporates the Lamp Test and BIRBO inputs Additionally the ’LS249 will light the top bar (segment a) for numeral 6 and the bottom bar (segment d) for numeral 9 Connection Diagram Dual-In-Line Package TLF10213 – 1 Order Number DM74LS249N See NS Package Number N16E Logic Symbol TLF10213 – 2 VCC e Pin 16 GND e Pin 8 Pin Names Description A0–A3 BCD Inputs BI Blanking Input (Active LOW) LT Lamp Test Input (Active LOW) BIRBO Blanking Input (Active LOW) or Ripple Blanking Output (Active LOW) a – g Segment Outputs (Active HIGH) C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
同様の部品番号 - DM74LS249N |
|
同様の説明 - DM74LS249N |