| データシートサーチシステム |
|
ICS570BLF データシート(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS570BLF データシート(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 9 page ![]() Multiplier and Zero Delay Buffer MDS 570 I 3 Revision 030905 Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com ICS570 External Components The ICS570 requires a 0.01µF decoupling capacitor to be connected between VDD and GND. It must be connected close to the part to minimize lead inductance. No external power supply filtering is required for this device. A 33 Ω series terminating resistor can be used next to each output pin. Recommended Circuit Using CLK as the feedback will always result in synchronized rising edges between ICLK and CLK. However, the CLK/2 could be a falling edge compared with ICLK. ICS recommends using CLK/2 feedback whenever possible. This will synchronize the rising edges of all three clocks. CLK CLK/2 FBIN S1 VDD GND Input S0 ICLK x2 Mode (S1, S0 = 1, 1) CLK Feedback CLK CLK/2 ICLK x2 Mode (S1, S0 = 1, 0) CLK/2 Feedback CLK CLK/2 |