| データシートサーチシステム |
|
AP-K2N データシート(PDF) 2 Page - JST Mfg. Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
AP-K2N データシート(HTML) 2 Page - JST Mfg. Co., Ltd. |
|
2 / 37 page ![]() 2 H:\0 - Quality Documents\2 Department\Tech Serv\Application tooling\Presses\AP-K2N\TS010-00 AP-K2N Operation Manual.doc PREFACE The AP-K2N semi-automatic crimping machine is easy to operate, and is suitable for mass production of crimped harnesses with chain terminals. Before using the AP-K2N please read this manual to ensure that you are familiar with the features of the machine and the layout of the operating controls. We recommend that you always keep this manual near the machine to use for reference when required. This manual also contains information on maintenance, fault-finding and adjustment of the crimping machine and its associated tooling. For safe operation • THIS MACHINE IS A POWER PRESS AND SHOULD NEVER BE USED WITHOUT THE SAFETY GUARDS FITTED. • If you think that something is wrong with the machine, immediately turn OFF the machine and disconnect the lead from the power supply. Guards must only be removed by an authorised person during setting, adjustment and maintenance. • The maximum measured sound output generated by the Crimping Press is 86 dB. It is recommended that ear defenders are worn whilst operating the machine. • Do not modify or adapt the machine without prior consent of JST. • This crimping machine complies with the CE directive for machinery and has the CE mark affixed to indicate its compliance. • This crimping machine must not be incorporated into other machinery without the consent of JST (ref. The Supply of Machinery (safety) Regulations 1992, S.I 1992/3073). |