| データシートサーチシステム |
|
MF40103O2-1000U-A99 データシート(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MF40103O2-1000U-A99 データシート(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 14 page ![]() 建 準 電 機 SUNONWEALTH Page 12 of 14 II. SPECIFICATION MODIFICATION 1. SUNON offers engineering assistance on fan installation and cooling system design. 2. All changes, modifications and/or revisions to the specifications, if any, are incorporated in the attached specifications. 3. No changes, modifications and/or revisions to these specifications are effective absent agreement, by both SUNON and the customer, in writing. 4. This fan will be shipped in accordance with the attached specification unless SUNON and the customer have agreed otherwise, in writing, as specified in Paragraph 3, above. III. OTHER 1. When building your device, please examine thoroughly any variation of EMC, temperature rise, life data, quality, etc. of this product by shock/drop/vibration testing, etc. If there are any problems or accidents in connection with this product, it should be mutually discussed and examined. 2. Use proper care when handling this fan. Components such as fan holders or bearings may be damaged, if touched with fingers or other objects. Additionally, static electricity (ESD) may damage the internal circuits of the fan. 3. DO NOT operate this fan in proximity to hazardous materials such as organic silicon, cyanogens, formalin, phenol, or corrosive gas environments including, but not limited to, H2S, SO2, NO2, or Cl2. 4. SUNON recommends that you protect this fan from exposure to outside elements such as dust, condensation, humidity or insects. Exposure of this fan to outside elements such as dust, condensation, humidity or insects may affect its performance and may cause safety hazards. SUNON does not warrant against damage to the product caused by outside elements. 5. This fan must be installed properly and securely. Improper mounting may cause harsh resonance, vibration, and noise. 2017.09.11 D.C.C. |