データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LEOAC08PT データシート(PDF) 12 Page - STMicroelectronics

部品番号 LEOAC08PT
部品情報  Rad-hard plastic Quad two-input AND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC08PT データシート(HTML) 12 Page - STMicroelectronics

Back Button LEOAC08PT Datasheet HTML 8Page - STMicroelectronics LEOAC08PT Datasheet HTML 9Page - STMicroelectronics LEOAC08PT Datasheet HTML 10Page - STMicroelectronics LEOAC08PT Datasheet HTML 11Page - STMicroelectronics LEOAC08PT Datasheet HTML 12Page - STMicroelectronics LEOAC08PT Datasheet HTML 13Page - STMicroelectronics LEOAC08PT Datasheet HTML 14Page - STMicroelectronics LEOAC08PT Datasheet HTML 15Page - STMicroelectronics LEOAC08PT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
8
Ordering information
Table 7. Ordering information
Order code
Quality level
Package
Lead-finish
Marking
Packing
LEOAC08PT-D
Development sample
TSSOP-20
NiPdAu
DLEOAC08
Tape and reel
LEOAC08PT
Flight model
TSSOP-20
NiPdAu
LEOAC08
Tape and reel
Table 8. Order code
LEO
AC08
P
T
LEO qualification
Name
TSSOP-20 package
Tape and reel
Figure 7. TSSOP-20 marking
1
B
A
C
D
E
a
F
G
H
a: pin-1 reference
A : Second Level of interconnexion (type of lead-finishing)
B: ST logo
C: Assy plant
D:
E: Marking area
F: Country of origin
G: Assy year
H: Assy week
Lot code
LEOAC08
Ordering information
DS13855 - Rev 2
page 12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17