データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LEOAC14PT-D データシート(PDF) 13 Page - STMicroelectronics

部品番号 LEOAC14PT-D
部品情報  Rad-hard plastic Hex inverter with Schmitt trigger input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC14PT-D データシート(HTML) 13 Page - STMicroelectronics

Back Button LEOAC14PT-D Datasheet HTML 9Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 10Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 11Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 12Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 13Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 14Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 15Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 16Page - STMicroelectronics LEOAC14PT-D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
8
Ordering information
Table 7. Ordering information
Order code
Quality level
Package
Lead-finish
Marking
Packing
LEOAC14PT-D
Development sample
TSSOP-20
NiPdAu
DLEOAC14
Tape and reel
LEOAC14PT
Flight model
TSSOP-20
NiPdAu
LEOAC14
Tape and reel
Table 8. Order code
LEO
AC14
P
T
LEO qualification
Name
TSSOP-20 package
Tape and reel
Figure 7. TSSOP-20 marking
1
B
A
C
D
E
a
F
G
H
a: pin-1 reference
A : Second Level of interconnexion (type of lead-finishing)
B: ST logo
C: Assy plant
D:
E: Marking area
F: Country of origin
G: Assy year
H: Assy week
Lot code
LEOAC14
Ordering information
DS13638 - Rev 5
page 13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18