データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LEOAD128PT-D データシート(PDF) 3 Page - STMicroelectronics

部品番号 LEOAD128PT-D
部品情報  Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAD128PT-D データシート(HTML) 3 Page - STMicroelectronics

  LEOAD128PT-D Datasheet HTML 1Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 2Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 3Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 4Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 5Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 6Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 7Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 8Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Table 1. Control register bits
Bit
7 (MSB)
6
5
4
3
2
1
0
Symbol
Any code except 11
ADD2
ADD1
ADD0
Any code except 001
Table 2. Control register bit description
Bit
Symbol
Description
7, 6, 2, 1, 0 DONTC
Do not care, except forbidden codes provided in Table 1. Control register bits
5
ADD2
They determine which input channel to be converted, as per Table 3. Input channel description.
4
ADD1
3
ADD0
Table 3. Input channel description
ADD2
ADD1
ADD0
Input channel
0
0
0
IN0
0
0
1
IN1
0
1
0
IN2
0
1
1
IN3
1
0
0
IN4
1
0
1
IN5
1
1
0
IN6
1
1
1
IN7
LEOAD128
Functional description
DS13668 - Rev 2
page 3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20