| データシートサーチシステム |
|
LEOLVDSRDPT データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LEOLVDSRDPT データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 23 page ![]() 1 Functional description Figure 1. Pin connections (top view) 8 11 14 13 12 17 1 2 3 4 5 6 7 VC C G ND G ND NC R IN- R IN+ DOUT + 16 15 NC 9 18 DOUT- 10 DE N 19 20 N15 G ND G ND VC C VC C DIN R OUT NC R E N G ND Table 1. Pin descriptions Pin # Name Description on the pin 1, 2 RIN+, RIN- LVDS input of the receiver. 8, 9 DOU+, DOUT- LVDS output of the driver. 4, 12, 17 VCC Power supply pins. 5, 6, 11, 16, 18 GND Ground pins, must be all connected together to the ground of the PCB. Any ground pin cannot be left floating. 3, 7, 14 NC Not internally connected. These pins can be externally connected to any potential. 10, 20 DEN, REN LVCMOS input, enable/disable input of the driver and the receiver. 13, 19 DIN, ROUT LVCMOS input of the driver, LVCMOS output of the receiver. 15 N15 Must be connected to ground. LEOLVDSRD Functional description DS13673 - Rev 4 page 2/23 |