データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHF1009AK01V データシート(PDF) 7 Page - STMicroelectronics

部品番号 RHF1009AK01V
部品情報  Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1009AK01V データシート(HTML) 7 Page - STMicroelectronics

Back Button RHF1009AK01V Datasheet HTML 3Page - STMicroelectronics RHF1009AK01V Datasheet HTML 4Page - STMicroelectronics RHF1009AK01V Datasheet HTML 5Page - STMicroelectronics RHF1009AK01V Datasheet HTML 6Page - STMicroelectronics RHF1009AK01V Datasheet HTML 7Page - STMicroelectronics RHF1009AK01V Datasheet HTML 8Page - STMicroelectronics RHF1009AK01V Datasheet HTML 9Page - STMicroelectronics RHF1009AK01V Datasheet HTML 10Page - STMicroelectronics RHF1009AK01V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID025148 Rev 3
7/19
RHF1009A
Radiation
19
Note:
In Figure 1 to 24, temp. = temperature, freq. = frequency, and resp. = response.
Figure 1. Reverse breakdown voltage
characteristics vs. cathode current
Figure 2. Zoom of reverse breakdown voltage
characteristics vs. cathode current
Figure 3. Reverse breakdown voltage
characteristics vs. ambient temp.
Figure 4. Average temp. coefficient vs. cathode
current
Figure 5. Output impedance vs. freq. at +125 °C,
Ck = 47 nF
Figure 6. Output impedance vs. freq. at 125 °C,
Ck = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com