| データシートサーチシステム |
|
RHFOSC04K02V データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHFOSC04K02V データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 16 page ![]() 1 General overview Figure 1. Pin connection VDD1 and VDD2 are internally connected to the die and must be externally connected to the same voltage. VSS1 and VSS2 are internally connected to the die and must be externally connected to the same voltage. The upper metallic lid is electrically connected to pin1 (VSS). Figure 2. Equivalent schematic Table 1. Truth table B A EN Q0 0 0 1 F0 0 1 1 F0/2 1 0 1 F0/4 1 1 1 F0/8 X X 0 High impedance RHFOSC04 General overview DS13330 - Rev 1 page 2/16 |