データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHRPM4423 データシート(PDF) 21 Page - STMicroelectronics

部品番号 RHRPM4423
部品情報  Rad-hard 4.5 A dual inverting low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4423 データシート(HTML) 21 Page - STMicroelectronics

Back Button RHRPM4423 Datasheet HTML 17Page - STMicroelectronics RHRPM4423 Datasheet HTML 18Page - STMicroelectronics RHRPM4423 Datasheet HTML 19Page - STMicroelectronics RHRPM4423 Datasheet HTML 20Page - STMicroelectronics RHRPM4423 Datasheet HTML 21Page - STMicroelectronics RHRPM4423 Datasheet HTML 22Page - STMicroelectronics RHRPM4423 Datasheet HTML 23Page - STMicroelectronics RHRPM4423 Datasheet HTML 24Page - STMicroelectronics RHRPM4423 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
11
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
11.1
Flat-16 package information
Figure 27. Flat-16 package outline
RHRPM4423
Package information
DS11827 - Rev 3
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31