データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT3090 データシート(PDF) 10 Page - Linear Technology

部品番号 LT3090
部品情報  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT3090 データシート(HTML) 10 Page - Linear Technology

Back Button LT3090 Datasheet HTML 6Page - Linear Technology LT3090 Datasheet HTML 7Page - Linear Technology LT3090 Datasheet HTML 8Page - Linear Technology LT3090 Datasheet HTML 9Page - Linear Technology LT3090 Datasheet HTML 10Page - Linear Technology LT3090 Datasheet HTML 11Page - Linear Technology LT3090 Datasheet HTML 12Page - Linear Technology LT3090 Datasheet HTML 13Page - Linear Technology LT3090 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LT1083/LT1084/LT1085 Fixed
10
1083ffe
For more information www.linear.com/LT1083
applicaTions inForMaTion
resistance since increasing voltage causes current to
decrease. Negative resistance during current limit is not
unique to the LT1083 series and has been present on all
power IC regulators. The value of negative resistance is
a function of how fast the current limit is folded back as
input-to-outputvoltageincreases.Thisnegativeresistance
can react with capacitors or inductors on the input to
cause oscillations during current limiting. Depending on
the value of series resistance, the overall circuitry may
end up unstable. Since this is a system problem, it is not
necessarily easy to solve; however it does not cause any
problems with the IC regulator and can usually be ignored.
Protection Diodes
In normal operation the LT1083 family does not need any
protection diodes, The internal diode between the input
and the output pins of the LT1083 family can handle
microsecond surge currents of 50A to 100A. Even with
large output capacitances it is very difficult to get those
values of surge current in normal operation. Only with
high value output capacitors, such as 1000µF to 5000µF
and with the input pin instantaneously shorted to ground,
can damage occur. A crowbar circuit at the input of the
LT1083 can generate those kinds of currents and a diode
from output-to-input is then recommended. Normal
power supply cycling or even plugging and unplugging
in the system will not generate currents large enough to
do any damage.
IN
OUT
ADJ
VOUT
LT1083
D1
1N4002
(OPTIONAL)
VIN
1083/4/5 AI01
COUT
150µF
+
Overload Recovery
Like any of the IC power regulators, the LT1083 has safe
area protection. The safe area protection decreases the
currentlimitasinput-to-outputvoltageincreasesandkeeps
the power transistor inside a safe operating region for all
values of input-to-output voltage. The LT1083 protection
is designed to provide some output current at all values
of input-to-output voltage up to the device breakdown.
When power is first turned on, as the input voltage rises,
the output follows the input, allowing the regulator to start
up into very heavy loads. During the start-up, as the input
voltage is rising, the input-to-output voltage differential
remains small allowing the regulator to supply large
output currents. With high input voltage a problem can
occur wherein removal of an output short will not allow
the output voltage to recover. Older regulators such as
the 7800 series, also exhibited this phenomenon so it is
not unique to the LT1083.
The problem occurs with a heavy output load when the
input voltage is high and the output voltage is low, such
as immediately after a removal of a short. The load line for
such a load may intersect the output current curve at two
points. If this happens there are two stable output operat-
ing points for the regulator. With this double intersection
the power supply may need to be cycled down to zero and
brought up again to make the output recover.
Ripple Rejection
In applications that require improved ripple rejection the
LT1083 series adjustable regulators should be used. With
LT1083 series adjustable regulators the addition of a by-
pass capacitor from the adjust pin to ground will reduce
outputripplebytheratioofVOUT/1.25V.SeeLT1083series
adjustable regulator data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com