データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF5L05500CB4 データシート(PDF) 1 Page - STMicroelectronics

部品番号 RF5L05500CB4
部品情報  500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L05500CB4 データシート(HTML) 1 Page - STMicroelectronics

  RF5L05500CB4 Datasheet HTML 1Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 2Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 3Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 4Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 5Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 6Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 7Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 8Page - STMicroelectronics RF5L05500CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LBB
1
2
3
4
5
Pin connection
Pin
Connection
1
Drain A
2
Drain B
3
Source (bottom side)
4
Gate B
5
Gate A
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
RF5L05500CB4
108 MHz
50 V
500 W
19 dB
70%
•
High efficiency and linear gain operations
•
Integrated ESD protection
•
Large positive and negative gate-source voltage range for improved class C
operation
•
In compliance with the European directive 2002/95/EC
Applications
•
30-88 MHz/136-174 MHz ground communication
•
Plasma generator
•
Particle accelerator
•
FM and VHF TV broadcast
Description
The RF5L05500CB4 is a 500 W, 50 V, high performance LDMOS FET designed for
multiple applications in the frequency range from HF to 500 MHz.
Product status link
RF5L05500CB4
Product summary
Order code
RF5L05500CB4
Marking
5L05500
Package
LBB
Packing
Tape and reel 13"
Base/bulk quantity
100/100
500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
RF5L05500CB4
Datasheet
DS13379 - Rev 2 - October 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


同様の部品番号 - RF5L05500CB4

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RF5L051K0CB4 STMICROELECTRONICS-RF5L051K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K4CB4 STMICROELECTRONICS-RF5L051K4CB4 Datasheet
1Mb / 12P
1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K5CB4 STMICROELECTRONICS-RF5L051K5CB4 Datasheet
1Mb / 12P
1500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
15-Oct-2021
RF5L05750CF2 STMICROELECTRONICS-RF5L05750CF2 Datasheet
1Mb / 12P
750 W, 50 V, HF to 500 MHz RF power LDMOS transistor
22-Dec-2021
More results

同様の説明 - RF5L05500CB4

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
PTVA035002EV INFINEON-PTVA035002EV Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
Rev. 05.2, 2016-06-08
logo
TriQuint Semiconductor
QPD1016 TRIQUINT-QPD1016 Datasheet
1Mb / 25P
50 V, 500 W GaN RF Transistor
logo
STMicroelectronics
RF5L051K0CB4 STMICROELECTRONICS-RF5L051K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K4CB4 STMICROELECTRONICS-RF5L051K4CB4 Datasheet
1Mb / 12P
1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K5CB4 STMICROELECTRONICS-RF5L051K5CB4 Datasheet
1Mb / 12P
1500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
15-Oct-2021
RF5L05750CF2 STMICROELECTRONICS-RF5L05750CF2 Datasheet
1Mb / 12P
750 W, 50 V, HF to 500 MHz RF power LDMOS transistor
22-Dec-2021
RF5L05950CF2 STMICROELECTRONICS-RF5L05950CF2 Datasheet
726Kb / 12P
950 W, 50 V, HF to 500 MHz RF power LDMOS transistor
23-Dec-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
26-Sep-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com