| データシートサーチシステム |
|
PAL16R8-7PC データシート(PDF) 5 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
PAL16R8-7PC データシート(HTML) 5 Page - Advanced Micro Devices |
|
5 / 33 page ![]() AMD 2-7 PAL16R8-4/5/7, D/2 (Com’l) ORDERING INFORMATION Commercial Products AMD programmable logic products for commercial applications are available with several ordering options. The order number (Valid Combination) is formed by a combination of: Valid Combinations Valid Combinations lists configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. PAL 16 R 8 -5 P C FAMILY TYPE PAL = Programmable Array Logic NUMBER OF ARRAY INPUTS OUTPUT TYPE R = Registered L = Active-Low Combinatorial NUMBER OF OUTPUTS SPEED -4 = 4.5 ns tPD -5 = 5 ns tPD -7 = 7.5 ns tPD D = 10 ns tPD PACKAGE TYPE P = 20-Pin Plastic DIP (PD 020) J = 20-Pin Plastic Leaded Chip Carrier (PL 020) 28-Pin Plastic Leaded Chip Carrier for -4 (PL 028) D = 20-Pin Ceramic DIP (CD 020) OPERATING CONDITIONS C = Commercial (0 °C to +75°C) OPTIONAL PROCESSING Blank = Standard Processing PAL16L8 -5PC, -5JC, -4JC Valid Combinations PAL16R8 PAL16R6 PAL16R4 PAL16L8-7 PAL16R8-7 PAL16R6-7 PAL16R4-7 PC, JC, DC VERSION Blank = First Revision /2 = Second Revision PAL16L8D/2 PAL16R8D/2 PAL16R6D/2 PAL16R4D/2 PC, JC |