データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD2000 データシート(PDF) 4 Page - STMicroelectronics

部品番号 STD2000
部品情報  Single-Chip Worldwide iDTV Processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2000 データシート(HTML) 4 Page - STMicroelectronics

  STD2000 Datasheet HTML 1Page - STMicroelectronics STD2000 Datasheet HTML 2Page - STMicroelectronics STD2000 Datasheet HTML 3Page - STMicroelectronics STD2000 Datasheet HTML 4Page - STMicroelectronics STD2000 Datasheet HTML 5Page - STMicroelectronics STD2000 Datasheet HTML 6Page - STMicroelectronics STD2000 Datasheet HTML 7Page - STMicroelectronics STD2000 Datasheet HTML 8Page - STMicroelectronics STD2000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
General Information
STD2000
4/11
1
General Information
1.1
Introduction
The STD2000 is a highly-integrated, high performance system-on-chip iDTV processor that
combines Set-top Box decoding facility with a powerful TV processor.
A dual-channel PIP/PAP video processor supports High Definition formats. Its advanced integration
drastically reduces integrated Digital TV BOM costs by removing redundancy between Analog and
Digital source video processing.
Compliant with worldwide standards such as ATSC, DVB-T, ISDB-T and the Chinese Digital
Terrestrial Standard, the STD2000 also includes a built-in CableCARD™ interface for US
OpenCable™ specifications and a dual DVB-CI interface for European DVB-T specifications.
1.2
Typical Applications
Typical applications for the STD2000 system-on-chip are illustrated in the following diagrams:
Figure 1: US LCD Digital Cable Ready HDTV



Html Pages

1 2 3 4 5 6 7 8 9 10 11