データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS411A データシート(PDF) 3 Page - Honeywell Solid State Electronics Center

部品番号 SS411A
部品情報  Low-cost Digital Bipolar Hall-effect Sensor ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS411A データシート(HTML) 3 Page - Honeywell Solid State Electronics Center

  SS411A Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS411A Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS411A Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS411A Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS411A Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Sensing and Productivity Solutions
Low-cost Digital Bipolar Hall-effect Sensor ICs,
SS41F, SS41G
Figure 1. Magnetic Performance vs Temperature (Vsupply = 12 Vdc)
Figure 2. Current Sinking Ouptut Block Diagram
Table 3. SS41F, SS41G Absolute Maximum Specifications
Characteristic
Min.
Typ.
Max.
Unit
Supply voltage
-50.0
50.0
V
Applied output voltage
-0.5
50.0
V
Output current
20
mA
Magnetic flux
no limit
Gauss
Figure 3. Wiring Diagrams
NOTICE
Absolute maximum ratings are the extreme limits the device will momentarily withstand without damage to the device. Electrical
and mechanical characteristics are not guaranteed if the rated voltage and/or currents are exceeded, nor will the device
necessarily operate at absolute maximum ratings.
13 Vdc
+
-
+13 Vdc
R
47 k
Relay
Coil
R1
680
2N3638
PNP
Transistor
100 mA
10 Vdc
+
+15 Vdc
R1
47 k
R
750
PNP
Transistor
SCR
HI
LOW
Load
Sensor
IC
5 Vdc
+
+15 Vdc
R
4.7 k
R1
1.8 k
PNP
Transistor
TRIAC
HI
LOW
Load
R
R
R
R
5 Vdc
-
5 Vdc
R
10 k
TTL or
DTL Gate
5 Vdc
+
-
+ 5 Vdc
R
47 k
R1
550
2N3638
PNP
Transistor
50 mA
5 Vdc
+
-
+10 Vdc
R
1.2 k
2N2222
NPN
Transistor
Load
150 mA
+DC
R
100
AC
LED
Sensor
IC
Sensor
IC
Sensor
IC
Sensor
IC
Sensor
IC
Hall
Sensor IC
Trigger
Circuit
and Amplifier
Vsupply (+)
Output (O)
Ground (-)
-40
[-40]
Ambient Temperature (°C [°F])
-20
[-4]
0
[32]
40
[104]
60
[140]
100
[212]
120
[248]
80
[176]
140
[284]
-250
-200
-150
-100
-50
0
50
100
150
Operate max.
Release min.
Operate typ.
Release typ.
200
250
160
[320]
20
[68]



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com