| データシートサーチシステム |
|
SH79F6488P/080PR データシート(PDF) 39 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F6488P/080PR データシート(HTML) 39 Page - SINOWEALTH Electronic Ltd |
|
39 / 152 page ![]() SH79F6488/SH79F6489 39 7.5.6 Oscillator Type (1) OP_OSC = 0000: internal RC, XTAL and XTALX are shared with IO XTALX1 XTALX2 XTAL1 XTAL2 (2) OP_OSC = 1010: 32.768kHz Crystal Oscillator at XTAL, Internal RC can be enabled, XTALX shared with I/O XTALX1 XTALX2 XTAL1 XTAL2 C1 C2 32.768kHz (3) OP_OSC = 1101: 32.768kHz Crystal Oscillator at XTAL, 400k - 16M Crystal/Ceramic Oscillator at XTALX XTALX1 XTALX2 XTAL1 XTAL2 C1 C2 32.768kHz C1 C2 Crystal/ Ceramic 7.5.7 Capacitor Selection for Oscillator Ceramic Resonators Frequency C1 C2 455kHz 47 - 100pF 47 - 100pF 8MHz 8 - 15pF 8 - 15pF 16MHz 8 - 15pF 8 - 15pF Crystal Oscillator Frequency C1 C2 32.768kHz 5 - 12.5pF 5 - 12.5pF 8MHz 8 - 15pF 8 - 15pF 16MHz 8 - 15pF 8 - 15pF Notes: (1) Capacitor values are used for design guidance only! (2) These capacitors were tested with the crystals listed above for basic start-up and operation. They are not optimized. (3) Be careful for the stray capacitance on PCB board, the user should test the performance of the oscillator over the expected VDD and the temperature range for the application. Before selecting crystal/ceramic, the user should consult the crystal/ceramic manufacturer for appropriate value of external component to get best performance, visit http://www.sinowealth.com for more recommended manufactures. |