データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OCP0S325Q-A0 データシート(PDF) 2 Page - Kingston Technology Far East Co. Ltd

部品番号 OCP0S325Q-A0
部品情報  Perfect storage solutions for system designers and builders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGSTON [Kingston Technology Far East Co. Ltd]
ホームページ  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

OCP0S325Q-A0 データシート(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  OCP0S325Q-A0 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd OCP0S325Q-A0 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design-in SSDs
DESIGN-IN SATA SSD PART NUMBERS
AND SPECIFICATIONS
2.5” SATA Rev. 3
Capacity
Description
OCP0S3128Q-A0
128GB
2.5" 7mm 128GB SSD
OCP0S325Q-A0
256GB
2.5" 7mm 256GB SSD
OCP0S3512Q-A0
512GB
2.5" 7mm 512GB SSD
OCP0S31024Q-A0
1TB
2.5" 7mm 1TB SSD
mSATA SATA Rev. 3
Capacity
Description
OMSP0S3128Q-00
128GB
mSATA 128GB SSD
OMSP0S3256Q-00
256GB
mSATA 256GB SSD
OMSP0S3512Q-00
512GB
mSATA 512GB SSD
M.2 SATA Rev. 3
Capacity
Description
OM4P0S3128Q-A0
128GB
M.2 2242 128GB SSD
OM4P0S3256Q-A0
256GB
M.2 2242 256GB SSD
OM4P0S3512Q-A0
512GB
M.2 2242 512GB SSD
OM8P0S3128Q-A0
128GB
M.2 2280 128GB SSD
OM8P0S3256Q-A0
256GB
M.2 2280 256GB SSD
OM8P0S3512Q-A0
512GB
M.2 2280 512GB SSD
OM8P0S31024Q-A0
1TB
M.2 2280 1TB SSD
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2021 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners.
US
MKF-951.1
MARKET SEGMENTS
For more information
Please contact your Kingston representative. This program is currently
available in limited regions but will be expanded gradually.
* Limited warranty based on 3 years or “Percentage Used” which can be found using any available
SMART Attribute Reader. See Kingston.com/wa for details.
System designers and builders rely on consistent storage products.
Kingston o ers the following bene ts with the Design-In SSD product line:
• Controlled BOM and Firmware - Ensures there are no changes to key
components after customer quali cation.
• PCN Support - All generational changes and rmware updates are
handled through a controlled and timed process.
KEY BENEFITS
• Engineering Support – Customers have a direct contact to their regional
Kingston Field Application Engineering teams for fast response to storage
requirement questions and support requests.
• Global Support – Kingston can coordinate SSD deliveries with a customer’s
Original Design Manufacturers (ODMs) or Contract Manufacturers (CMs) in
other regions of the world, if required
• Warranty* — For peace of mind, our Design-in SSDs are backed by a limited
three-year warranty and free technical support.
Point of Sale (POS)
Digital Signage
Robotics
Kiosk (Charging Stations, Key Makers, ATM)
Surveillance/Mobile Recording



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com