| データシートサーチシステム |
|
LMC212A-13MM-R2 データシート(PDF) 2 Page - Black Box Registered Trademark |
|
|
|||||||||||||||||||||||||||||
LMC212A-13MM-R2 データシート(HTML) 2 Page - Black Box Registered Trademark |
|
2 / 6 page ![]() 724-746-5500 blackbox.com BLACK BOX® 2 of 6 05/14/2010 #24868 Link different media types together in one local area network. » More interface choices than any other media converter system. » Easy installation—no software required. » FlexPoint Media Converters work as standalone or hot-swappable chassis-based media converters. » The FlexPoint Power Chassis holds up to 14 media converters and features single or dual hot-swappable AC or DC power supplies. FeaTures FlexPoint™ Modular Media Converters from Black Box provide the ultimate in flexibility and reliability for your expanding multimedia LAN. These standalone converters are also chassis-based modules! Plus, FlexPoint offers you more interface options than any other media converter system. Your choices include: • Ethernet • Gigabit Ethernet • Token Ring • UTP • Single-mode fiber • Multimode fiber • Coax • 10/100 rate converters • Single-mode to multimode fiber converters • Long-distance fiber converters • ATM OC-3 • ATM OC-12 FlexPoint Media Converters make it easy to expand your networks as your company grows. The incredible variety and versatility of this system make it ideal for networks that are subject to constant upgrades and changes. OVERVIEW FlexPoint 14-Slot Power Chassis (LMC200) FlexPoint Modular Media Converter, 1000BASE-T to 1000BASE-SX, Multimode, 850-nm, 220 m, SC (LMC1003A-R3) FlexPoint Modular Media Converter, 1000BASE-T to 1000BASE-LX, Single-Mode, 1300-nm, 10 km, SC (LMC1004A-R3) FlexPoint Modular Media Converter, 1000BASE-T to 1000BASE-LX, Single-Mode, 1300-nm, 10 km, SC (LMC1004A-R3) Gigabit Switch File Server Multimode Fiber Cable Multimode Fiber Cable Single-Mode Fiber Cable Single-Mode Fiber Cable File Server 10/100 Switch with Gigabit Fiber Uplink 10/100 Switch with Gigabit Fiber Uplink 10/100 Switch with Gigabit Fiber Uplink LEDs on each FlexPoint Media Converter display status. Tailor the system to your requirements: Get the media converters you need now and use them individually. Then, when your LAN grows, mount your media converters on the wall, in the 5-Position Rackmounting Kit, as modules in the Power Chassis, or on a DIN rail. The Power Chassis holds 14 media converters and a Single or Dual AC or DC Power Supply. 10BASE-T to BNC This media converter joins unshielded twisted-pair (UTP) and coax LANs together to form one network. For UTP, the 10BASE-T/BNC converter supports Category 3, 4, and 5 wiring at distances of 328 feet (100 m). This model also corrects wiring-polarity reversals and eliminates crossed cables with a crossover switch. For coax, this converter has a BNC connector that supports 50-ohm cable at up to 607 feet (185 m). And you don’t need a T-connector—switch-selectable termination is built in. 10BASE-FL to BNC These 10BASE-FL to 10BASE2 media converters connect a ThinNet LAN to fiber to form one network. |