データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AIS2DW12TR データシート(PDF) 28 Page - STMicroelectronics

部品番号 AIS2DW12TR
部品情報  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12TR データシート(HTML) 28 Page - STMicroelectronics

Back Button AIS2DW12TR Datasheet HTML 24Page - STMicroelectronics AIS2DW12TR Datasheet HTML 25Page - STMicroelectronics AIS2DW12TR Datasheet HTML 26Page - STMicroelectronics AIS2DW12TR Datasheet HTML 27Page - STMicroelectronics AIS2DW12TR Datasheet HTML 28Page - STMicroelectronics AIS2DW12TR Datasheet HTML 29Page - STMicroelectronics AIS2DW12TR Datasheet HTML 30Page - STMicroelectronics AIS2DW12TR Datasheet HTML 31Page - STMicroelectronics AIS2DW12TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Digital main blocks
AIS2DW12
28/60
DocID031240 Rev 4
5.2.4
Continuous-to-FIFO mode
In Continuous-to-FIFO mode FIFO_CTRL (2Eh)(FMode[2:0] = 011), FIFO operates in
Continuous mode and FIFO mode starts upon an internal trigger event. When the FIFO is
full, data collecting is stopped. The trigger could be wake-up, free-fall, 6D interrupt or any
combination of these events, but every interrupt has to be routed on the corresponding pad
to be used as a trigger.
Figure 8. Continuous-to-FIFO mode
Figure 9. Trigger event to FIFO for Continuous-to-FIFO mode
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
Continuous Mode
FIFO Mode
Trigger event
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
x30
y30
z30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60