データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM324
部品情報  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM324 データシート(HTML) 9 Page - Texas Instruments

Back Button LM324 Datasheet HTML 5Page - Texas Instruments LM324 Datasheet HTML 6Page - Texas Instruments LM324 Datasheet HTML 7Page - Texas Instruments LM324 Datasheet HTML 8Page - Texas Instruments LM324 Datasheet HTML 9Page - Texas Instruments LM324 Datasheet HTML 10Page - Texas Instruments LM324 Datasheet HTML 11Page - Texas Instruments LM324 Datasheet HTML 12Page - Texas Instruments LM324 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
6.6 Electrical Characteristics - LM2902B and LM2902BA
For VS = (V+) – (V–) = 5 V to 36 V (±2.5 V to ±18 V), at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10k connected to VS / 2
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
LM2902B
±0.6
±3.0
mV
TA = –40°C to 125°C
±4.0
LM2902BA
±0.3
±2
TA = –40°C to 125°C
2.5
dVOS/dT
Input offset voltage drift
RS = 0 Ω
TA = –40°C to 125°C
±7
μV/°C
PSRR
Input offset voltage versus
power supply
65
100
dB
Channel separation
f = 1 kHz to 20 kHz
120
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
VS = 3 V to 36 V
V–
(V+) – 1.5
V
VS = 5 V to 36 V
TA = –40°C to 125°C
V–
(V+) – 2
CMRR
Common-mode rejection
ratio
(V–) ≤ VCM ≤ (V+) – 1.5 V
VS = 3 V to 36 V
70
80
dB
(V–) ≤ VCM ≤ (V+) – 2 V
VS = 5 V to 36 V
TA = –40°C to 125°C
65
80
INPUT BIAS CURRENT
IB
Input bias current
-10
-35
nA
TA = –40°C to 125°C
-50
dIOS/dT
Input offset current drift
TA = –40°C to 125°C
10
pA/°C
IOS
Input offset current
±0.5
±4
nA
TA = –40°C to 125°C
±5
dIOS/dT
Input offset current drift
TA = –40°C to 125°C
10
pA/°C
NOISE
EN
Input voltage noise
f = 0.1 to 10 Hz
3
μVPP
eN
Input voltage noise density RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 7-2 for test circuit)
35
nV/√Hz
INPUT CAPACITANCE
ZID
Differential
10 || 0.1
MΩ || pF
ZICM
Common-mode
4 || 1.5
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 15 V, VO = 1 V to 11 V, RL ≥ 10 kΩ, connected to
(V-)
50
100
V/mV
TA = –40°C to 125°C
25
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
RL = 1 MΩ, CL = 20 pF (see Figure 7-1 for test circuit)
1.2
MHz
SR
Slew rate
RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 7-1 for test circuit)
0.5
V/μs
Θm
Phase margin
G = + 1, RL = 10 kΩ, CL = 20 pF
56
°
tS
Settling time
To 0.1%, VS = 5 V, 2-V Step , G = +1, CL = 100 pF
4
μs
Overload recovery time
VIN × gain > VS
10
μs
THD+N
Total harmonic distortion +
noise
G = + 1, f = 1 kHz, VO = 3.53 VRMS, VS = 36 V, RL = 100 k, IOUT ≤ 50 µA, BW = 80
kHz
0.001%
OUTPUT
VO
Voltage output swing from
rail
Positive Rail (V+)
IOUT = -50 µA
1.35
1.5
V
VO
IOUT = -1 mA
1.4
1.6
V
VO
IOUT = -5 mA
1.5
1.75
V
VO
Negative Rail (V-)
IOUT = 50 µA
100
150
mV
VO
IOUT = 1 mA
0.75
1
V
VO
VS = 5 V, RL ≤ 10 kΩ
connected to (V–)
TA = –40°C to 125°C
5
20
mV
IO
Output current
VS = 15 V; VO = V-; VID = 1 V
Source
-20(1)
-30
mA
TA = –40°C to 125°C
-10(1)
mA
VS = 15 V; VO = V+; VID = -1
V
Sink
10(1)
20
mA
TA = –40°C to 125°C
5(1)
mA
VID = -1 V; VO = (V-) + 200 mV
50
85
μA
ISC
Short-circuit current
VS = 20 V, (V+) = 10 V, (V-) = -10 V, VO = 0 V
±40
±60
mA
CLOAD
Capacitive load drive
100
pF
www.ti.com
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K
LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com