| データシートサーチシステム |
|
CSM データシート(PDF) 5 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSM データシート(HTML) 5 Page - Stackpole Electronics, Inc. |
|
5 / 6 page ![]() Rev Date: 8/17/2022 5 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSM Series Molded Metal Plate Sensing Resistor Stackpole Electronics, Inc. Resistive Product Solutions Packaging Specifications RoHS Compliance Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances” (RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as amended by Directive (EU) 2015/863/EU as regards the list of restricted substances. “Conflict Metals” Commitment We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding Conflict Minerals. Compliance to “REACH” We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List. RoHS Compliance Status CSM Molded Metal Plate Sensing Resistor SMD YES 100% Matte Sn over Ni Always Always Lead-Free Effective Date Code (YY/WW) Standard Product Series Description Package / Termination Type Standard Series RoHS Compliant Lead-Free Termination Composition Lead-Free Mfg. Effective Date (Std Product Series) Type/Code Unit 7.087 ± 0.059 2.362 ± 0.039 0.512 ± 0.008 0.354 + 0.039 inches 180.00 ± 1.50 60.00 ± 1.00 13.00 ± 0.20 9.00 + 1.00 mm 7.087 ± 0.059 2.362 ± 0.039 0.512 ± 0.039 0.512 + 0.039 inches 180.00 ± 1.50 60.00 ± 1.00 13.00 ± 1.00 13.00 + 1.00 mm D CSM0603 CSM2512 A B C |