| データシートサーチシステム |
|
CSS2728 データシート(PDF) 10 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSS2728 データシート(HTML) 10 Page - Stackpole Electronics, Inc. |
|
10 / 13 page ![]() Rev Date: 7/29/2022 10 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSS / CSSH Series Ultra-precision Metal Alloy Current Sensing Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Plastic Tape Specifications (0201 – 0805) Type/Code Unit inches 0.079 ± 0.004 mm 2.00 ± 0.10 inches mm 0.315 ± 0.012 0.069 ± 0.004 0.138 ± 0.004 0.059 inches 8.00 ± 0.30 1.75 ± 0.10 3.50 ± 0.10 1.50 mm 0.157 ± 0.004 inches 4.00 ± 0.10 mm inches mm inches mm Type/Code Unit 0.016 ± 0.008 0.028 ± 0.008 0.018 ± 0.002 inches 0.40 ± 0.20 0.70 ± 0.20 0.45 ± 0.05 mm 0.026 ± 0.008 0.043 ± 0.008 0.017 ± 0.002 inches 0.65 ± 0.20 1.10 ± 0.20 0.42 ± 0.05 mm 0.157 ± 0.004 0.079 ± 0.004 0.039 ± 0.008 0.073 ± 0.008 0.024 ± 0.004 inches 4.00 ± 0.10 2.00 ± 0.10 0.98 ± 0.20 1.85 ± 0.20 0.60 ± 0.10 mm 0.028 ± 0.008 inches 0.061 ± 0.008 0.091 ± 0.008 0.70 ± 0.20 mm 1.55 ± 0.20 2.30 ± 0.20 0.030 ± 0.008 inches 0.75 ± 0.20 mm 0.067 ± 0.004 0.096 ± 0.004 0.035 ± 0.008 inches 1.70 ± 0.10 2.45 ± 0.10 0.90 ± 0.20 mm T W P E F ØD +0.004 / -0 +0.1 / -0 G H A B CSS0603 CSS0201 CSSH0805 CSS0402 CSS0603 CSS0508 CSS0805 CSS0201 CSS0402 CSSH0805 CSS0508 CSS0805 Item W P E F ψD ψD1 G H A B T1 T MA0805 8.0±0.30 4.0±0.10 1.75±0.10 3.5±0.10 1.0±0.10 4.0±0.10 2.0±0.10 1.70±0.10 2.45±0.10 0.90±0.20 0.20±0.05 |