| データシートサーチシステム |
|
LP7360 データシート(PDF) 3 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
LP7360 データシート(HTML) 3 Page - Stackpole Electronics, Inc. |
|
3 / 7 page ![]() Rev Date: 10/03/2019 3 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. LP Series SMD Unshielded Power Inductor Stackpole Electronics, Inc. Resistive Product Solutions Electrical Specifications – LP5137(standard) (cont.) Electrical Specifications – LP5137(HP) LP5137MT8R2 8.2 20% 100 KHz, 0.1V 0.036 4.1 LP5137MT100 10 20% 100 KHz, 0.1V 0.038 3.9 LP5137MT120 12 20% 100 KHz, 0.1V 0.044 3.3 LP5137MT150 15 20% 100 KHz, 0.1V 0.046 3.1 LP5137MT180 18 20% 100 KHz, 0.1V 0.066 2.8 LP5137MT220 22 20% 100 KHz, 0.1V 0.085 2.6 LP5137MT270 27 20% 100 KHz, 0.1V 0.095 2.1 LP5137MT330 33 20% 100 KHz, 0.1V 0.1 2 LP5137MT390 39 20% 100 KHz, 0.1V 0.13 1.8 LP5137MT470 47 20% 100 KHz, 0.1V 0.14 1.7 LP5137MT560 56 20% 100 KHz, 0.1V 0.19 1.6 LP5137MT680 68 20% 100 KHz, 0.1V 0.2 1.5 LP5137MT820 82 20% 100 KHz, 0.1V 0.26 1.3 LP5137MT101 100 20% 100 KHz, 0.1V 0.28 1.25 LP5137KT101 100 10% 100 KHz, 0.1V 0.28 1.5 LP5137MT121 120 20% 100 KHz, 0.1V 0.36 1.05 LP5137MT151 150 20% 100 KHz, 0.1V 0.4 1.05 LP5137MT181 180 20% 100 KHz, 0.1V 0.54 0.85 LP5137MT221 220 20% 100 KHz, 0.1V 0.61 0.82 LP5137MT271 270 20% 100 KHz, 0.1V 0.84 0.65 LP5137MT331 330 20% 100 KHz, 0.1V 1.02 0.62 LP5137MT391 390 20% 100 KHz, 0.1V 1.25 0.55 LP5137MT471 470 20% 100 KHz, 0.1V 1.27 0.52 LP5137MT561 560 20% 100 KHz, 0.1V 1.85 0.45 LP5137MT681 680 20% 100 KHz, 0.1V 2.02 0.42 LP5137MT821 820 20% 100 KHz, 0.1V 2.53 0.38 LP5137MT102 1000 20% 100 KHz, 0.1V 3 0.35 LP5137KT102 1000 10% 1 KHz, 0.25V 3.9 0.35 LP5137KT152 1500 10% 1 KHz, 0.25V 6.3 0.3 LP5137KT222 2200 10% 1 KHz, 0.25V 8.2 0.24 LP5137MT103 10000 20% 1 KHz, 0.25V 39 0.1 IDC (A) max.. Type/Code Inductance (μh) Tolerance Test Condition DCR (Ω) max. LP5137MTR47-HP 0.47 20% 100 KHz, 0.1V 0.008 20 LP5137MTR82-HP 0.82 20% 100 KHz, 0.1V 0.009 20 LP5137MT1R2-HP 1.2 20% 100 KHz, 0.1V 0.01 20 LP5137MT1R5-HP 1.5 20% 100 KHz, 0.1V 0.01 20 LP5137MT2R2-HP 2.2 20% 100 KHz, 0.1V 0.012 18.5 LP5137MT3R5-HP 3.5 20% 100 KHz, 0.1V 0.015 18 LP5137MT4R7-HP 4.7 20% 100 KHz, 0.1V 0.02 13 LP5137MT5R6-HP 5.6 20% 100 KHz, 0.1V 0.022 12 LP5137MT6R8-HP 6.8 20% 100 KHz, 0.1V 0.03 10 LP5137MT8R2-HP 8.2 20% 100 KHz, 0.1V 0.033 9 LP5137MT100-HP 10 20% 100 KHz, 0.1V 0.04 8 LP5137MT120-HP 12 20% 100 KHz, 0.1V 0.042 7.2 LP5137MT150-HP 15 20% 100 KHz, 0.1V 0.05 7 LP5137MT180-HP 18 20% 100 KHz, 0.1V 0.052 5.7 LP5137MT220-HP 22 20% 100 KHz, 0.1V 0.066 5.5 LP5137MT270-HP 27 20% 100 KHz, 0.1V 0.072 4.2 LP5137MT330-HP 33 20% 100 KHz, 0.1V 0.08 4 LP5137MT390-HP 39 20% 100 KHz, 0.1V 0.092 3.9 LP5137MT470-HP 47 20% 100 KHz, 0.1V 0.11 3.8 LP5137MT560-HP 56 20% 100 KHz, 0.1V 0.15 3.2 LP5137MT680-HP 68 20% 100 KHz, 0.1V 0.17 3 LP5137MT820-HP 82 20% 100 KHz, 0.1V 0.2 2.6 DCR (Ω) max. Type/Code Inductance (μh) Tolerance Test Condition IDC (A) max.. |