| データシートサーチシステム |
|
CSSH2728JTL250 データシート(PDF) 7 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSSH2728JTL250 データシート(HTML) 7 Page - Stackpole Electronics, Inc. |
|
7 / 13 page ![]() Rev Date: 7/29/2022 7 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSS / CSSH Series Ultra-precision Metal Alloy Current Sensing Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Recommended Pad Layouts Environmental Performance (cont.) Test Item Test Method Test Specifications Test Condition Test item (Thermal Shock Test): Inspection: Inspect for whisker formation on specimens that underwent the acceleration test, with a magnifier (stereo microscope) of about 40 or higher magnification. If judgement is difficult with this method, use a scanning electron microscope (SEM) of about 1000 or higher magnification. Max 50μm JESD Standard No.22A121 class 2 Whisker Test Minimum Storage Temperature -55 +0 / -10°C Maximum Storage Temperature 85 + 10 / -0°C Temperature-Retaining Time 10 minutes Number of Temperature Cycles 1500 Testing Condition 0.008 0.013 0.010 inches 0.20 0.33 0.25 mm 0.014 inches 0.024 0.024 0.35 mm 0.60 0.60 0.016 inches 0.40 mm 0.056 0.036 0.015 inches 1.41 0.92 0.38 mm 0.053 0.020 inches 1.35 0.036 0.50 mm 0.051 0.92 0.024 inches 1.30 0.60 mm 0.035 0.016 inches 0.90 0.091 0.40 mm 0.033 2.30 0.020 inches 0.85 0.50 mm 0.061 0.020 inches 1.55 0.057 0.50 mm 0.055 1.44 0.031 inches 1.40 0.80 mm 0.053 0.012 inches 1.35 0.071 0.30 mm 0.039 1.80 0.039 inches 1.00 1.00 mm 0.063 0.086 0.039 inches 1.60 2.18 1.00 mm 0.001 - 0.05 0.001 - 0.013 CSSH0805 CSS0805 0.5 0.0015, 0.002 0.003 - 0.02 0.002 0.0005 CSS0508 1 0.001, 0.0015, 0.002 0.003 - 0.005 Type/Code Maximum Power Rating (W) Resistance Range ( Ω) a b i Unit 0.2 0.01, 0.02 0.33 CSS0402 CSS0603 0.33 0.0025, 0.003 0.004 - 0.02 0.0025 0.005 - 0.02 1 1 CSS0201 CSS1206 |