データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ALED6000 データシート(PDF) 30 Page - STMicroelectronics

部品番号 ALED6000
部品情報  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000 データシート(HTML) 30 Page - STMicroelectronics

Back Button ALED6000 Datasheet HTML 26Page - STMicroelectronics ALED6000 Datasheet HTML 27Page - STMicroelectronics ALED6000 Datasheet HTML 28Page - STMicroelectronics ALED6000 Datasheet HTML 29Page - STMicroelectronics ALED6000 Datasheet HTML 30Page - STMicroelectronics ALED6000 Datasheet HTML 31Page - STMicroelectronics ALED6000 Datasheet HTML 32Page - STMicroelectronics ALED6000 Datasheet HTML 33Page - STMicroelectronics ALED6000 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Figure 24. Inverting buck-boost PCB layout (component side)
Figure 25. Inverting buck-boost PCB layout (bottom side)
8.2
Positive buck-boost
The buck-boost topology fits the application with an input voltage range that overlaps the output voltage, VOUT,
which is the voltage drop across the LEDs and the sensing resistor.
The positive buck-boost (see Figure 26. Positive buck-boost topology ) can provide a positive output voltage,
referred to ground, but it requires two additional power components, a MOSFET and a Schottky diode.
ALED6000
Positive buck-boost
DS13018 - Rev 4
page 30/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45