データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9690 データシート(PDF) 23 Page - STMicroelectronics

部品番号 L9690
部品情報  Automotive 12 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9690 データシート(HTML) 23 Page - STMicroelectronics

Back Button L9690 Datasheet HTML 16Page - STMicroelectronics L9690 Datasheet HTML 17Page - STMicroelectronics L9690 Datasheet HTML 18Page - STMicroelectronics L9690 Datasheet HTML 19Page - STMicroelectronics L9690 Datasheet HTML 20Page - STMicroelectronics L9690 Datasheet HTML 21Page - STMicroelectronics L9690 Datasheet HTML 22Page - STMicroelectronics L9690 Datasheet HTML 23Page - STMicroelectronics L9690 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Device pinout ..................................................................... 4
Figure 3.
Example of dual chip/master-slave scenario ............................................... 16
Figure 4.
TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) package outline........................... 17
Figure 5.
TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) PCB footprint ............................ 19
L9690
List of figures
DB4806 - Rev 2
page 23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24