データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9691 データシート(PDF) 23 Page - STMicroelectronics

部品番号 L9691
部品情報  Automotive 16 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9691 データシート(HTML) 23 Page - STMicroelectronics

Back Button L9691 Datasheet HTML 16Page - STMicroelectronics L9691 Datasheet HTML 17Page - STMicroelectronics L9691 Datasheet HTML 18Page - STMicroelectronics L9691 Datasheet HTML 19Page - STMicroelectronics L9691 Datasheet HTML 20Page - STMicroelectronics L9691 Datasheet HTML 21Page - STMicroelectronics L9691 Datasheet HTML 22Page - STMicroelectronics L9691 Datasheet HTML 23Page - STMicroelectronics L9691 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Device pinout ..................................................................... 4
Figure 3.
Example of dual chip/master-slave scenario ............................................... 16
Figure 4.
TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) package outline........................... 17
Figure 5.
TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) PCB footprint ............................ 19
L9691
List of figures
DB4803 - Rev 2
page 23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24