データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9780 データシート(PDF) 42 Page - STMicroelectronics

部品番号 L9780
部品情報  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 データシート(HTML) 42 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 38Page - STMicroelectronics L9780 Datasheet HTML 39Page - STMicroelectronics L9780 Datasheet HTML 40Page - STMicroelectronics L9780 Datasheet HTML 41Page - STMicroelectronics L9780 Datasheet HTML 42Page - STMicroelectronics L9780 Datasheet HTML 43Page - STMicroelectronics L9780 Datasheet HTML 44Page - STMicroelectronics L9780 Datasheet HTML 45Page - STMicroelectronics L9780 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Digital interface description
L9780
42/56
DocID026356 Rev 3
6.4.2
SPI output register (input echo configuration)
Bit 63 – 0:
Refer to Section 6.3 for the description of these bits.
62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56