データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908-TR データシート(PDF) 30 Page - STMicroelectronics

部品番号 L9908-TR
部品情報  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908-TR データシート(HTML) 30 Page - STMicroelectronics

Back Button L9908-TR Datasheet HTML 26Page - STMicroelectronics L9908-TR Datasheet HTML 27Page - STMicroelectronics L9908-TR Datasheet HTML 28Page - STMicroelectronics L9908-TR Datasheet HTML 29Page - STMicroelectronics L9908-TR Datasheet HTML 30Page - STMicroelectronics L9908-TR Datasheet HTML 31Page - STMicroelectronics L9908-TR Datasheet HTML 32Page - STMicroelectronics L9908-TR Datasheet HTML 33Page - STMicroelectronics L9908-TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 153 page
background image
5.5
Self-test mode
A built-in self-test (BIST) procedure is implemented to check safety relevant circuitries both in digital core and in
the analog monitor circuits on L9908.
The target of core logic self-test is to check the correct functionality of the Internal Clock Monitor.
The target of the analog monitor is to check the correct functionality of the comparators involved in the safety
relevant monitors and of the Safety Switch Off path.
To allow a certain amount of freedom the block on which the self-test procedure runs can be configured by setting
a dedicated SPI frame.
Note:
During Self-Test of the SW OFF path SAFE-OFF state is activated
In case of BIST_STATUS = 11 (BIST check failure), the device is sent in SAFE_OFF Mode; re-engage
procedure can be performed only by issuing a SW_RESET command
Table 20. Self-test selection bits
SELF_TEST_CFG4 SELF_TEST_CFG3 SELF_TEST_CFG2 SELF_TEST_CFG1
SELF_TEST
_CFG0
Description
OND LS
OND HS
Supply Monitors
SW OFF Path
Clock Monitor
0
0
0
0
0
Self-Test Not
Active
1
1
1
1
1
Self-Test Active
(Defaults)
Note:
Supply Monitors include: Internal Supply, VDD, VPRE, VCP, VBP, VDH and GLM.
Self-Test procedure is developed in different steps in the following order:
Clock Monitor
Supply Monitor & OND_LS & OND_HS
SW OFF Path
5.5.1
Self-test activation
When Self-Test procedure is active, safety related analog and digital parts are under test, thus are not functional;
this implies that Self-Test procedure can be activated only when no actuation is applied to half bridges:
HBn_DIS = 1 [n = 1, 2, 3] or EN_BR = 0.
Accidental Self-Test procedure activation must be avoided therefore a finite state machine is implemented. The
Self-Test activation state machine is composed by 2 sequential states, the passage from a state to the next one
is carried out by a correct Self-Test activation SPI frame sequence to be written in the SPI register BIST_KEY
(SELF-TEST1 key: 0x55 → SELF-TEST 2 key: 0x33).
Table 21. Self-test mode activation register
BIST_KEY <7:0>
Description
0x55à0x33
SELF TEST Mode Access
L9908
Self-test mode
DS13546 - Rev 3
page 30/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com