| データシートサーチシステム |
|
L99ASC03G データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99ASC03G データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 70 page ![]() Electrical specifications L99ASC03G 40/70 DocID029080 Rev 2 Figure 19. Cross-current protection time generation when at tDT >tCCP is provided an input Table 19. Drain source monitoring Symbol Parameter Test condition Min. Typ. Max. Unit VSCd1 Drain-source voltage threshold 1 DSMTH = 00 0.4 0.5 0.6 V VSCd2 Drain-source voltage threshold 2 DSMTH = 01 0.9 1.0 1.1 V VSCd3 Drain-source voltage threshold 3 DSMTH = 10 1.35 1.5 1.65 V VSCd4 Drain-source voltage threshold 4 DSMTH = 11 1.85 2.0 2.15 V tb1 Blanking time DS Monitor DSMFT = 0 1.0 1.2 1.5 µs tb2 Blanking time DS Monitor DSMFT = 1 2.0 2.4 3.0 µs tf1 Filter time DS Monitor DSMFT = 0 1.0 1.2 1.5 µs tf2 Filter time DS Monitor DSMFT = 1 2.0 2.4 3.0 µs ISHx Diagnostic source current All gate drivers off; ISTEST(x) = 0 -500 µA Diagnostic sink current All gate drivers off; ISTEST(x) = 1 1 mA |