データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99H02 データシート(PDF) 33 Page - STMicroelectronics

部品番号 L99H02
部品情報  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 データシート(HTML) 33 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 29Page - STMicroelectronics L99H02 Datasheet HTML 30Page - STMicroelectronics L99H02 Datasheet HTML 31Page - STMicroelectronics L99H02 Datasheet HTML 32Page - STMicroelectronics L99H02 Datasheet HTML 33Page - STMicroelectronics L99H02 Datasheet HTML 34Page - STMicroelectronics L99H02 Datasheet HTML 35Page - STMicroelectronics L99H02 Datasheet HTML 36Page - STMicroelectronics L99H02 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
4.3
Device memory map
4.3.1
Control and status (RAM) address map
4.3.2
Device (ROM) address map (access with OC0 and OC1 set to ‘1’)
Table 28. Control and status (RAM) address map
Name
Access
Address
Content
A5 A4 A3 A2 A1 A0
D7
D6
D5
D4
D3
D2
D1
D0
Start Reg0 Read/ Clear 0
0
0
0
0
0 DS_MON_3 DS_MON_2 DS_MON_1 DS_MON_0
0
0
OT_EXT CP_LOW
Start Reg1 Read/ Write
0
0
0
0
0
1
RWD
FW_PAS
OFF_CAL
CLK_SPCTR
OVT
OV_UV_R
D
DIAG_1
DIAG_0
Start Reg2 Read/ Write
0
0
0
0
1
0
RWD
COPT_2
COPT_1
COPT_0
FW
MCSA
GCSA_1
GCSA_0
Start Reg3 Read/ Write
0
0
0
0
1
1
RWD
EXT_TS
EXTTH_5
EXTTH_4
EXTTH_3
EXTTH_2
EXTTH_1 EXTTH_0
Table 29. Device (ROM) address map (access with OC0 and OC1 set to ‘1’)
Name
Access
Address
Content
A5 A4 A3 A2 A1 A0
D7
D6
D5
D4
D3
D2
D1
D0
ID-Header
Read
device
0
0
0
0
0
0
FAM_1
FAM_0
NR_PI_5
NR_PI_4
NR_PI_3
NR_PI_2
NR_PI_1 NR_PI_0
Product code 1
Read
device
0
0
0
0
0
1
PR_ID_7
PR_ID_6
PR_ID_5
PR_ID_4
PR_ID_3
PR_ID_2
PR_ID_1 PR_ID_0
Product code 2
Read
device
0
0
0
0
1
0
PR_ID_15 PR_ID_14 PR_ID_13 PR_ID_12 PR_ID_11 PR_ID_10 PR_ID_9 PR_ID_8
SPI-frame-ID
Read
device
0
0
0
0
1
1
BR
AR5
AR4
AR3
32 bits
24 bits
16 bits
8 bits
Reserved
Read
device
1
111
11
Reserved, accessing this address is recognized as a failure, the device enters a fail-safe state
(see Table 30).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51