データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99LD20 データシート(PDF) 48 Page - STMicroelectronics

部品番号 L99LD20
部品情報  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 データシート(HTML) 48 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 44Page - STMicroelectronics L99LD20 Datasheet HTML 45Page - STMicroelectronics L99LD20 Datasheet HTML 46Page - STMicroelectronics L99LD20 Datasheet HTML 47Page - STMicroelectronics L99LD20 Datasheet HTML 48Page - STMicroelectronics L99LD20 Datasheet HTML 49Page - STMicroelectronics L99LD20 Datasheet HTML 50Page - STMicroelectronics L99LD20 Datasheet HTML 51Page - STMicroelectronics L99LD20 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Electrical specifications
L99LD20
48/61
DS11366 Rev 3
32
10
00
00
0.809
0.402
33
10
00
01
0.831
0.413
34
10
00
10
0.853
0.424
35
10
00
11
0.877
0.436
36
10
01
00
0.9
0.447
37
10
01
01
0.924
0.46
38
10
01
10
0.938
0.471
39
10
01
11
0.963
0.483
40
10
10
00
0.987
0.496
41
10
10
01
1.013
0.509
42
10
10
10
1.039
0.521
43
10
10
11
1.066
0.535
44
10
11
00
1.093
0.549
45
1
0
1
1
0
1
1.12
0.562
46
10
11
10
1.148
0.576
47
10
11
11
1.177
0.59
48
11
00
00
1.205
0.605
49
11
00
01
1.235
0.62
50
11
00
10
1.265
0.635
51
11
00
11
1.295
0.65
52
11
01
00
1.326
0.665
53
11
01
01
1.357
0.681
54
11
01
10
1.389
0.696
55
11
01
11
1.421
0.713
56
11
10
00
1.453
0.729
57
11
10
01
1.486
0.746
58
1
1
1
0
1
0
1.52
0.762
59
11
10
11
1.554
0.78
60
11
11
00
1.588
0.797
61
11
11
01
1.623
0.814
62
11
11
10
1.658
0.832
63
11
11
11
1.695
0.849
Table 35. Inductor peak current selection (continued)
DAC
code
DAC
code 5
DAC
code 4
DAC
code 3
DAC
code 2
DAC
code 1
DAC
code 0
IL_PEAK [A]
Low RDSON
IL_PEAK [A]
High RDSON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61